Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2100 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics ST2100 Datasheet HTML 23Page - STMicroelectronics ST2100 Datasheet HTML 24Page - STMicroelectronics ST2100 Datasheet HTML 25Page - STMicroelectronics ST2100 Datasheet HTML 26Page - STMicroelectronics ST2100 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
DocID025777 Rev 1
23/39
ST2100
Pin descriptions
39
4.2
Shared I/O pins (MFIOs)
The 104 MFIOs can be configured in different modes. This allows the STreamPlug ST2100
to be tailored for various applications.
For the MFIO from 88 to 103, the signal specified in Table 16 is also conditioned by an
internal selection MUX that can choose among the specified signal and an internal basic
subsystem general purpose IO (BS_GPIO), as specified in the STreamPlug ST2100 manual
and shown in Figure 2 and Figure 3.
Figure 2. MIFO 0-87 muxing scheme
Figure 3. MFIO 88-103 muxing scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39