| Moteur de recherche de fiches techniques de composants électroniques |
|
STCOM05 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCOM05 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 58 page ![]() DocID028515 Rev 1 39/58 STCOM Pinout and pin description 58 2.2 GPIOs multiplexing scheme In the STCOM, peripherals are connected to I/Os through a multiplexer. At a time one single peripheral can control the I/Os. In this way, there is no conflict between peripherals sharing the same I/O pins. Thanks to a set of configuration registers, the user can select one of the 4 possible alternate functions for each pin as described in Table 8. Table 8. GPIOs multiplexing scheme Pin name Selection: 000 Selection: 001 Selection: 010 Selection: 011 GPIO00_0 USART0_RTS FSMC_PCAD_20 GPIO00_1 USART0_CTS FSMC_PCAD_19 GPIO00_2 SPI1_SS AT1_BKIN FSMC_PCAD_18 USART0_SCLK GPIO00_3 SPI1_MOSI AT1_CH_1 FSMC_PCAD_17 GPIO00_4 SPI1_MISO AT1_CH_2 FSMC_PCAD_16 GPIO00_5 SPI1_SCLK AT1_CH_3 FSMC_PCAD_15 GPIO00_6 I2C0_SDA AT1_CH_4 FSMC_PCAD_14 GPIO00_7 I2C0_SCL AT1_CHN_1 FSMC_PCAD_13 GPIO01_0 I2C0_SMBA AT1_CHN_2 FSMC_PCAD_12 USART1_SCLK GPIO01_1 USART1_TXD AT1_CHN_3 FSMC_PCAD_11 GPIO01_2 USART1_RXD AT1_ETR FSMC_PCAD_10 GPIO01_3 USART1_RTS CAN0_TX FSMC_PCAD_9 GPIO01_4 USART1_CTS CAN0_RX FSMC_PCAD_8 GPIO01_5 I2C1_SDA CAN1_TX FSMC_PCAD_7 GPIO01_6 I2C1_SCL CAN1_RX FSMC_PCAD_6 GPIO01_7 AT0_ETR I2C2_SMBA FSMC_PCAD_5 I2C1_SMBA GPIO02_0 AT0_CH_4 I2C2_SDA FSMC_PCAD_4 GPIO02_1 AT0_CHN_3 I2C2_SCL FSMC_PCAD_3 GPIO02_2 AT0_CH_3 FSMC_PCAD_2 GPIO02_3 AT0_CHN_2 FSMC_PCAD_1 USART4_RTS GPIO02_4 AT0_CH_2 FSMC_PCAD_0 USART4_CTS GPIO02_5 AT0_CHN_1 FSMC_PCOEn USART4_RXD GPIO02_6 AT0_CH_1 FSMC_PCWEn USART4_TXD GPIO02_7 AT0_BKIN FSMC_Lbar USART4_SCLK GPIO03_0 SPI2_MOSI USART3_TXD FSMC_PCDA_15 GPIO03_1 SPI2_MISO USART3_RXD FSMC_PCDA_14 GPIO03_2 SPI2_SCLK USART3_RTS FSMC_PCDA_13 GPIO03_3 SPI2_SS USART3_CTS FSMC_PCDA_12 GPIO03_4 SPI3_MOSI FSMC_PCDA_11 USART3_SCLK |