Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM05 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 3Page - STMicroelectronics STCOM05 Datasheet HTML 4Page - STMicroelectronics STCOM05 Datasheet HTML 5Page - STMicroelectronics STCOM05 Datasheet HTML 6Page - STMicroelectronics STCOM05 Datasheet HTML 7Page - STMicroelectronics STCOM05 Datasheet HTML 8Page - STMicroelectronics STCOM05 Datasheet HTML 9Page - STMicroelectronics STCOM05 Datasheet HTML 10Page - STMicroelectronics STCOM05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID028515 Rev 1
7/58
STCOM
Description
58
1.1
Device architecture
The architecture is composed of the following parts:
1.
PLC front-end including digital front-end and analog front-end
2.
PLC line driver
3.
Real-time engine: the digital core running the lower layers of the PLC protocol stack
and implementing modulation and demodulation
4.
Protocol engine: the main digital core for running the upper layers of the PLC protocol
stack
5.
Wide range of peripherals logically divided into 4 blocks:
–
Basic peripherals
–
Com1 peripherals
–
Com2 peripherals
–
Crypto peripherals.
The STCOM detailed architecture is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58