Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM05 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STCOM05
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM05 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STCOM05 Datasheet HTML 18Page - STMicroelectronics STCOM05 Datasheet HTML 19Page - STMicroelectronics STCOM05 Datasheet HTML 20Page - STMicroelectronics STCOM05 Datasheet HTML 21Page - STMicroelectronics STCOM05 Datasheet HTML 22Page - STMicroelectronics STCOM05 Datasheet HTML 23Page - STMicroelectronics STCOM05 Datasheet HTML 24Page - STMicroelectronics STCOM05 Datasheet HTML 25Page - STMicroelectronics STCOM05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Description
STCOM
22/58
DocID028515 Rev 1
1.7
Reset, control, clock generation (RCC) and system controller
(SYS_CTRL)
All the clock and reset configuration registers are located in the MISC and SYSCTRL
blocks. Figure 3 shows the interaction between these blocks.
Figure 3. Reset, clock and system controller interaction
The system reset is generated by the RESETn pin (active low). Through the system
controller is also possible to assert a system software reset. The software reset to single
peripherals can be forced through MISC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58