| Moteur de recherche de fiches techniques de composants électroniques |
|
L7292 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7292 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 60 page ![]() DocID028601 Rev 1 39/60 L7292 Buck regulator description 60 Main functionalities are: MOD selection Regulator sequence programmability Soft-start PWM PFM Forced PWM in light-load Current limiting Short-circuit protection Deep sleep mode Forced pull-down 11.1 MOD selection - pin MODA, MODB Connecting the pins MODA and MODB to GND or VBUS the default VOUT of switching regulators changes according to Table 22. Table 21. Models selection Pin SET A SET B SET C SET D MODA GND VBUS GND VBUS MODB GND GND VBUS VBUS Table 22. Regulators output voltage BUCK SET A VOUT [V] SET B VOUT[V] SET C VOUT[V] SET D VOUT [V] BUCK1 1.2 1.5 1.35 1.35 BUCK2 1.8 1.8 1.8 1.8 BUCK3 1.1 1.0 1.0 1.1 BUCK4 1.1 1.0 1.0 1.1 BUCK5 1.1 1.0 1.0 1.1 |