Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7292 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 24Page - STMicroelectronics L7292 Datasheet HTML 25Page - STMicroelectronics L7292 Datasheet HTML 26Page - STMicroelectronics L7292 Datasheet HTML 27Page - STMicroelectronics L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics L7292 Datasheet HTML 30Page - STMicroelectronics L7292 Datasheet HTML 31Page - STMicroelectronics L7292 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
I2C interface
L7292
28/60
DocID028601 Rev 1
8.4
High speed mode support
The device supports the I2C high speed mode to operate up to 3.4 Mbit/s. If the bus master
wants to operate in the HS-mode a proper initial sequence in the fast-mode (max. 400
kbit/s) should be sent as described in the I2C bus specification:
1.
Start condition (S)
2.
8-bit master code (00001XXX)
3.
Not acknowledge bit (A)
After this sequence the bus switches into the high speed mode until first Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60