Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7292 Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 52Page - STMicroelectronics L7292 Datasheet HTML 53Page - STMicroelectronics L7292 Datasheet HTML 54Page - STMicroelectronics L7292 Datasheet HTML 55Page - STMicroelectronics L7292 Datasheet HTML 56Page - STMicroelectronics L7292 Datasheet HTML 57Page - STMicroelectronics L7292 Datasheet HTML 58Page - STMicroelectronics L7292 Datasheet HTML 59Page - STMicroelectronics L7292 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
PCB design rules guideline
L7292
56/60
DocID028601 Rev 1
13.4
General rules
Do not share vias. Every component connecting to the power or the reference plane
needs its own via.
For large currents multiple vias are to be preferred.
Vias shall be placed as close as possible to the component pin.
Feedback nodes are sensitive. Keep them away from magnetic fields and nodes that
may capacitive couple energy into them.
13.5
Thermal aspects
The device package uses the center pad as a thermal conduit. This pad should be
connected to an adequate spread of copper. When following the suggested layer stack the
internal ground plane may be sufficient. If lots of other heat generating components are
close by it may be necessary to create an exposed copper area on the backside of the
board. The pad should be connected using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60