| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3370 Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3370 Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 75 page ![]() USB3370 DS00001915B-page 16 2012 - 2015 Microchip Technology Inc. 4.12 ESD and Latch-Up Performance Note 4-14 REFCLK , XO, ID, and RESETB pins: ±5kV Human Body Model. TABLE 4-12: ESD AND LATCH-UP PERFORMANCE Parameter Conditions MIN TYP MAX Units Comments ESD PERFORMANCE Note 4-14 Human Body Model ±8 kV Device System EN/IEC 61000-4-2 Contact Discharge ±25 kV 3rd party system test System EN/IEC 61000-4-2 Air-gap Discharge ±25 kV 3rd party system test LATCH-UP PERFORMANCE All Pins EIA/JESD 78, Class II 150 mA |