Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3370 Fiches technique(PDF) 66 Page - Microchip Technology

No de pièce USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Fiches technique(HTML) 66 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 62Page - Microchip Technology USB3370 Datasheet HTML 63Page - Microchip Technology USB3370 Datasheet HTML 64Page - Microchip Technology USB3370 Datasheet HTML 65Page - Microchip Technology USB3370 Datasheet HTML 66Page - Microchip Technology USB3370 Datasheet HTML 67Page - Microchip Technology USB3370 Datasheet HTML 68Page - Microchip Technology USB3370 Datasheet HTML 69Page - Microchip Technology USB3370 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
USB3370
DS00001915B-page 66
2012 - 2015 Microchip Technology Inc.
9.0
PACKAGE OUTLINE
FIGURE 9-1:
USB3370 32-PIN QFN, 5X5MM BODY, 0.5MM PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75