Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3370 Fiches technique(PDF) 50 Page - Microchip Technology

No de pièce USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Fiches technique(HTML) 50 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 46Page - Microchip Technology USB3370 Datasheet HTML 47Page - Microchip Technology USB3370 Datasheet HTML 48Page - Microchip Technology USB3370 Datasheet HTML 49Page - Microchip Technology USB3370 Datasheet HTML 50Page - Microchip Technology USB3370 Datasheet HTML 51Page - Microchip Technology USB3370 Datasheet HTML 52Page - Microchip Technology USB3370 Datasheet HTML 53Page - Microchip Technology USB3370 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
USB3370
DS00001915B-page 50
2012 - 2015 Microchip Technology Inc.
The Link can use one of two methods to determine when the RID Conversion is complete. One method is polling the
RidConversionStart
bit as described in Section 7.1.3.3. The preferred method is to set the RidIntEn bit in the Vendor Rid
Conversion register. When RidIntEn is set, an RXCMD will be generated after the RID conversion is complete. As
described in Table 6-3, the alt_int bit of the RXCMD will be set.
After the RID Conversion is complete, the Link can read RidValue from the Vendor Rid Conversion register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75