Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3370 Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Fiches technique(HTML) 62 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology USB3370 Datasheet HTML 60Page - Microchip Technology USB3370 Datasheet HTML 61Page - Microchip Technology USB3370 Datasheet HTML 62Page - Microchip Technology USB3370 Datasheet HTML 63Page - Microchip Technology USB3370 Datasheet HTML 64Page - Microchip Technology USB3370 Datasheet HTML 65Page - Microchip Technology USB3370 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
USB3370
DS00001915B-page 62
2012 - 2015 Microchip Technology Inc.
FIGURE 8-1:
USB3370 APPLICATION DIAGRAM (HOST CONFIGURED FOR ULPI CLOCK
INPUT MODE)
5V
VBUS
VBAT
VDD33
ID
DM
DP
GND
USB
Receptacle
DM
DP
ID
SHIELD
GND
VBUS
COUT
3.0-5.5V
Supply
CBYP
RVBUS
The capacitor CVBUS
must be installed on
this side of RVBUS.
CVBUS
RVBUS must be
installed to enable
overvoltage
protection of the
VBUS
pin.
CPEN_N
Link Controller
DIR
NXT
STP
CLKIN
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
RBIAS
VDD18
COUT
VDDIO
CBYP
VDDIO Supply
CLOAD
Resonator
Crystal
and Caps
- or -
REFCLK
XO
For Host applications (non-
OTG), the ID pin should be
connected to GND.
EXTVBUS
VBUS Switch
OUT
EN
IN
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75