Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD1002 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 6Page - Microchip Technology UPD1002 Datasheet HTML 7Page - Microchip Technology UPD1002 Datasheet HTML 8Page - Microchip Technology UPD1002 Datasheet HTML 9Page - Microchip Technology UPD1002 Datasheet HTML 10Page - Microchip Technology UPD1002 Datasheet HTML 11Page - Microchip Technology UPD1002 Datasheet HTML 12Page - Microchip Technology UPD1002 Datasheet HTML 13Page - Microchip Technology UPD1002 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
UPD1002
DS00001760B-page 10
 2014 Microchip Technology Inc.
2.1.3
32-SQFN SYSTEM LEVEL DIAGRAMS
Figure 2-2, Figure 2-3, Figure 2-4, and Figure 2-5 provide typical system level diagrams of the UPD1002 for configura-
tions 32-P_A, 32-CP_B, 32-PC_A, and 32-PC_uAB, respectively.
FIGURE 2-2:
CONFIGURATION 32-P_A SYSTEM-LEVEL DIAGRAM
Microchip
UPD1002
32-SQFN
Configuration
32-P_A
SPI_ROM_CLK
SPI_ROM_DI
SPI_ROM_DO
SPI_ROM_CE_N
VSS
CFG_SEL0
VDDIO
CFG_SEL1
VDDIO
VDDIO
VMON
IMON
CSA
PD_DETECT 1
PD_ID
VBUS
Couple/Filter
PD_DATA
PD_DETECT
INSERTION_DETECT
INSERTION_DETECT 2
INSERTION_DETECT 1
SHIELD
35.7k
5.1k
HUB_PWR_EN
5V
VBUS
VSEL2_N
PD_EN
USB Hub
with BC1.2
GND
USB
Power
Delivery
Enabled
Standard-A
Receptacle
D+
D-
VSEL1_N
FAULT_IN_N
VSEL0_N
VDDIO
FAULT_N
CHG_EMU_EN
DC-to-DC
Power
Regulator
System Power
Standard
24V AC
Adapter
Filter
Cap
VBUS_DISCHARGE
FAULT_IN_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com