| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD1002 Fiches technique(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UPD1002 Fiches technique(HTML) 27 Page - Microchip Technology |
|
27 / 46 page ![]() 2014 Microchip Technology Inc. DS00001760B-page 27 UPD1002 • When operating as a Provider: - The UFP will never initiate a swap request to its partner to become a Consumer. - If the device receives a swap request from its partner to become a Consumer, it automatically accepts it and will remain in the Consumer role (until the partner requests another swap back to provider, or there is a hard reset or other exception condition that causes the protocol to be reinitiated from startup). The behavior accounts for a partner that may have its own other external power which it decided to use instead of the UFP’s. Provider/Consumer (STD-A) Configurations (32-PC_A) Swapping rules for Provider/Consumer (STD-A receptacle) configurations are defined as follows: • When operating as a Provider: - If externally powered: - Do not initiate swap - Do not accept swap - If not externally powered: - Initiate swap - Accept swap • When operating as a Consumer: - If externally powered: - Initiate swap - Accept swap - If not externally powered: - Do not initiate swap - Do not accept swap Provider/Consumer (Micro-AB) Configurations (32-PC_uAB) Swapping rules for Provider/Consumer (Micro-AB receptacle) configurations are dependent on the connected plug type. When a Micro-A plug is not connected (ID pin to GND >= 1M Ω, no plug connected, or Micro-B plug connected), the device operates as a Consumer only and does not support role swaps. When a Micro-A plug is connected (ID pin to GND < 1M Ω), the device operates as a Provider/Consumer with the fol- lowing rules: • When operating as a Provider: - If externally powered: - Do not initiate swap - Do not accept swap - If not externally powered: - Initiate swap - Accept swap • When operating as a Consumer: - If externally powered: - Initiate swap - Accept swap - If not externally powered: - Do not initiate swap - Do not accept swap |