Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD1002 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 3Page - Microchip Technology UPD1002 Datasheet HTML 4Page - Microchip Technology UPD1002 Datasheet HTML 5Page - Microchip Technology UPD1002 Datasheet HTML 6Page - Microchip Technology UPD1002 Datasheet HTML 7Page - Microchip Technology UPD1002 Datasheet HTML 8Page - Microchip Technology UPD1002 Datasheet HTML 9Page - Microchip Technology UPD1002 Datasheet HTML 10Page - Microchip Technology UPD1002 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 7
UPD1002
2.0
PIN DESCRIPTIONS AND CONFIGURATION
The pinouts for the package, along with system-level application diagrams, are detailed in the following section:
• 32-Pin SQFN (32-SQFN)
Note:
For a summary of the available pin combinations and their corresponding target applications, refer to
Table 1-1.
Pin descriptions are detailed in Section 2.2, "Pin Descriptions," on page 14. For details on the CFG_SEL0 and CFG_-
SEL1 Configuration Select signals, refer to Section 3.3, "Configuration Selection (CFG_SEL0/CFG_SEL1)," on
page 24.
2.1
32-Pin SQFN (32-SQFN)
2.1.1
32-SQFN PIN DIAGRAM
Note:
When an “_N” is used at the end of the signal name, it indicates that the signal is active low. For example,
RESET_N indicates that the reset signal is active low.
FIGURE 2-1:
32-SQFN PIN ASSIGNMENTS (TOP VIEW)
(Connect exposed pad to ground with a via field)
VSS
UPD1002
32-SQFN
(Top Vi ew)
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
*The functionality of this pin is dependent on the CFG_SEL0/CFG_SEL1 profile selection.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CFG_SEL1
CFG_SEL0
PD_EN/PD_GOOD*
VDD33_CAP
VBUS
VSW_CAP
VTR
VDD18A_CAP
PD_DATA
PD_ID
PD_VDD18
VDDIO
IMON
VMON
VDD18_CAP
HUB_PWR_EN/VSEL2_N*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com