Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD1002 Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Fiches technique(HTML) 35 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology UPD1002 Datasheet HTML 33Page - Microchip Technology UPD1002 Datasheet HTML 34Page - Microchip Technology UPD1002 Datasheet HTML 35Page - Microchip Technology UPD1002 Datasheet HTML 36Page - Microchip Technology UPD1002 Datasheet HTML 37Page - Microchip Technology UPD1002 Datasheet HTML 38Page - Microchip Technology UPD1002 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 35
UPD1002
3.5.4.3
Command Only Program Example
To perform a single byte command such as the following:
•WRDI
•WREN
•EWSR
• CHIP_ERASE
• EBSY
• DBSY
The device writes the opcode into the first byte of the SPI_CMD_BUF and the SPI_CMD_LEN is set to one. The device
first drops SPI_ROM_CE_N, then 8 bits of the command are clocked out on the SPI_ROM_DO pin. The SPI_ROM_DI
is not used in this example.
FIGURE 3-9:
SPI ROM COMMAND ONLY SEQUENCE
SPI_ROM_CE_N
SPI_ROM_CLK
12 3 4
05
7
6
SPI_ROM_DO
SPI_ROM_DI
Command
MSB
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46