Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9730 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 7Page - Microchip Technology LAN9730 Datasheet HTML 8Page - Microchip Technology LAN9730 Datasheet HTML 9Page - Microchip Technology LAN9730 Datasheet HTML 10Page - Microchip Technology LAN9730 Datasheet HTML 11Page - Microchip Technology LAN9730 Datasheet HTML 12Page - Microchip Technology LAN9730 Datasheet HTML 13Page - Microchip Technology LAN9730 Datasheet HTML 14Page - Microchip Technology LAN9730 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 11
LAN9730/LAN9730i
2.0
PIN DESCRIPTION AND CONFIGURATION
Note:
** This pin provides additional PME related functionality. Refer to the respective pin descriptions and Chapter
5.0, "PME Operation" for additional information.
Note:
*** GPIO7 may provide additional PHY Link Up related functionality. Refer to Section 4.12.2.4, "Enabling
External PHY Link Up Wake Events" for additional information.
Note:
When HP Auto-MDIX is activated, the TXN/TXP pins can function as RXN/RXP and vice-versa.
Note:
Exposed pad (VSS) on bottom of package must be connected to ground.
FIGURE 2-1:
PIN ASSIGNMENTS (TOP VIEW)
VSS
LAN9730
56-PIN VQFN
(TOP VIEW)
RXDV
TXER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
TEST2
VDD12A
HSIC_STROBE
HSIC_DATA
VDD12PLL
VDD33A
EXRES
RXP
RXN
VDD33A
TXP
TXN
nPHY_INT
RXCLK
TDI/RXD3
TMS/RXD2
TCK/RXD1
TDO/nPHY_RST
nTRST/RXD0
VDD33IO
PHY_SEL
TEST1
EEDI
EEDO/AUTOMDIX_EN
EECS
EECLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More