Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9730 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 53Page - Microchip Technology LAN9730 Datasheet HTML 54Page - Microchip Technology LAN9730 Datasheet HTML 55Page - Microchip Technology LAN9730 Datasheet HTML 56Page - Microchip Technology LAN9730 Datasheet HTML 57Page - Microchip Technology LAN9730 Datasheet HTML 58Page - Microchip Technology LAN9730 Datasheet HTML 59Page - Microchip Technology LAN9730 Datasheet HTML 60Page - Microchip Technology LAN9730 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 57
LAN9730/LAN9730i
4.4.2.7
Transmit Examples
4.4.2.7.1
TX Example 1
In this example a single, 1064-byte Ethernet frame will be transmitted. This packet is divided into three buffers. The three
buffers are as follows:
Buffer 0:
• 3 bytes Data Start Offset
• 499 bytes of payload data
Buffer 1:
• 0 byte Data Start Offset
• 503 bytes of payload data
Buffer 2:
• 2 bytes Data Start Offset
• 62 bytes of payload data
Table 4-6 illustrates the TX Command structure for this example, and also shows how data is passed to the TX data
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More