Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9730 Fiches technique(PDF) 92 Page - Microchip Technology

No de pièce LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Fiches technique(HTML) 92 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 88Page - Microchip Technology LAN9730 Datasheet HTML 89Page - Microchip Technology LAN9730 Datasheet HTML 90Page - Microchip Technology LAN9730 Datasheet HTML 91Page - Microchip Technology LAN9730 Datasheet HTML 92Page - Microchip Technology LAN9730 Datasheet HTML 93Page - Microchip Technology LAN9730 Datasheet HTML 94Page - Microchip Technology LAN9730 Datasheet HTML 95Page - Microchip Technology LAN9730 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 92
 2012-2015 Microchip Technology Inc.
EWDS (Erase/Write Disable): After issued, the EEPROM will ignore erase and write commands. To re-enable erase/
write operations issue the EWEN command.
EWEN (Erase/Write Enable): Enables the EEPROM for erase and write operations. The EEPROM will allow erase and
write operations until the “Erase/Write Disable” command is sent, or until power is cycled.
FIGURE 4-23:
EEPROM EWDS CYCLE
Note:
The EEPROM device will power-up in the erase/write-disabled state. Any erase or write operations will fail
until an Erase/Write Enable command is issued.
FIGURE 4-24:
EEPROM EWEN CYCLE
EWDS CYCLE
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
10
00
tCSL
EWEN CYCLE
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
10
11
tCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More