| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4624 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4624 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 58 page ![]() Order Number(s): This product meets the halogen maximum concentration values per IEC61249-2-21 The table above represents valid part numbers at the time of printing and may not represent parts that are currently available. For the latest list of valid ordering numbers for this product, please contact the nearest sales office. ORDER NUMBER TEMPERATURE RANGE PACKAGE TYPE USB4624-1080HN (Hub Controller Enabled) 0°C to +70°C 48-pin SQFN USB4624-1070HN (Hub Controller Disabled) USB4624-1080HN-TR (Hub Controller Enabled) 0°C to +70°C 48-pin SQFN (Tape & Reel) USB4624-1070HN-TR (Hub Controller Disabled) USB4624i-1080HN (Hub Controller Enabled) -40°C to +85°C 48-pin SQFN USB4624i-1070HN (Hub Controller Disabled) USB4624i-1080HN-TR (Hub Controller Enabled) -40°C to +85°C 48-pin SQFN (Tape & Reel) USB4624i-1070HN-TR (Hub Controller Disabled) USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet DS00001717A-page 2 2014 Microchip Technology Inc. TO OUR VALUED CUSTOMERS It is our intention to provide our valued customers with the best documentation possible to ensure successful use of your Microchip products. To this end, we will continue to improve our publications to better suit your needs. Our publications will be refined and enhanced as new volumes and updates are introduced. If you have any questions or comments regarding this publication, please contact the Marketing Communications Department via E-mail at docerrors@microchip.com. We welcome your feedback. Most Current Data Sheet To obtain the most up-to-date version of this data sheet, please register at our Worldwide Web site at: http://www.microchip.com You can determine the version of a data sheet by examining its literature number found on the bottom outside corner of any page. The last character of the literature number is the version number, (e.g., DS30000000A is version A of document DS30000000). Errata An errata sheet, describing minor operational differences from the data sheet and recommended workarounds, may exist for cur- rent devices. As device/documentation issues become known to us, we will publish an errata sheet. The errata will specify the revision of silicon and revision of document to which it applies. To determine if an errata sheet exists for a particular device, please check with one of the following: • Microchip’s Worldwide Web site; http://www.microchip.com • Your local Microchip sales office (see last page) When contacting a sales office, please specify which device, revision of silicon and data sheet (include -literature number) you are using. Customer Notification System Register on our web site at www.microchip.com to receive the most current information on all of our products. |