| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4624 Fiches technique(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4624 Fiches technique(HTML) 25 Page - Microchip Technology |
|
25 / 58 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet 2014 Microchip Technology Inc. DS00001717A-page 25 Figure 5.1 Hub Operational Mode Flowchart YES NO Combine OTP Config Data SOC Done? Config Load From Internal ROM External SPI ROM present? YES NO Run from Internal ROM Run From External SPI ROM Do SMBus or I2C Initialization SW Upstream BC detection (CHGDET) Hub Connect (Hub.Connect) (CONFIG) NO (SOC_CFG) (SW_INIT) Normal operation SMBus or I2C Present? YES (HW_INIT) |