| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4624 Fiches technique(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4624 Fiches technique(HTML) 46 Page - Microchip Technology |
|
46 / 58 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet DS00001717A-page 46 2014 Microchip Technology Inc. 9.3 Power Consumption This section details the power consumption of the device as measured during various modes of operation. Power dissipation is determined by temperature, supply voltage, and external source/sink requirements. 9.3.1 Operational / Unconfigured 9.3.1.1 HSIC Upstream Note 9.8 Includes VDD12 current. 9.3.1.2 USB Upstream Note 9.9 Includes VDD12 current. Table 9.1 Operational/Unconfigured Power Consumption (HSIC Upstream) TYPICAL (mA) MAXIMUM (mA) VBAT VDDCOREREG (Note 9.8) VBAT VDDCOREREG (Note 9.8) HS Host / 1 HSIC Device 10 45 15 50 HS Host / 2 HSIC Devices 15 55 15 60 HS Host / 2 HSIC, 2 HS Devices 50 70 55 80 Unconfigured 10 20 - - Table 9.2 Operational/Unconfigured Power Consumption (USB Upstream) TYPICAL (mA) MAXIMUM (mA) VBAT VDDCOREREG (Note 9.9) VBAT VDDCOREREG (Note 9.9) HS Host / 1 HSIC Device 15 50 20 55 HS Host / 2 HSIC Devices 15 60 20 65 HS Host / 2 HSIC, 2 HS Devices 55 70 65 80 Unconfigured 10 20 - - |