| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4624 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4624 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 58 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet DS00001717A-page 14 2014 Microchip Technology Inc. 1 Downstream USB D- (Port 3) USBDN3_DM AIO Downstream USB Port 3 D- data signal. Port 3 D- Disable Configuration Strap PRT_DIS_M3 IS This strap is used in conjunction with PRT_DIS_P3 to disable USB Port 3. 0 = Port 3 D- Enabled 1 = Port 3 D- Disabled Note: Both PRT_DIS_P3 and PRT_DIS_M3 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. 1 Downstream USB D+ (Port 4) USBDN4_DP AIO Downstream USB Port 4 D+ data signal. Port 4 D+ Disable Configuration Strap PRT_DIS_P4 IS This strap is used in conjunction with PRT_DIS_M4 to disable USB Port 4. 0 = Port 4 D+ Enabled 1 = Port 4 D+ Disabled Note: Both PRT_DIS_P4 and PRT_DIS_M4 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. 1 Downstream USB D- (Port 4) USBDN4_DM AIO Downstream USB Port 4 D- data signal. Port 4 D- Disable Configuration Strap PRT_DIS_M4 IS This strap is used in conjunction with PRT_DIS_P4 to disable USB Port 4. 0 = Port 4 D- Enabled 1 = Port 4 D- Disabled Note: Both PRT_DIS_P4 and PRT_DIS_M4 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. I2C/SMBUS INTERFACE 1 I2C Serial Clock Input SCL I_SMB I2C serial clock input SMBus Clock SMBCLK I_SMB SMBus serial clock input Table 3.1 Pin Descriptions (continued) NUM PINS NAME SYMBOL BUFFER TYPE DESCRIPTION |