Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 139 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 139 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 134Page - Silicon Laboratories EM346-RTR Datasheet HTML 135Page - Silicon Laboratories EM346-RTR Datasheet HTML 136Page - Silicon Laboratories EM346-RTR Datasheet HTML 137Page - Silicon Laboratories EM346-RTR Datasheet HTML 138Page - Silicon Laboratories EM346-RTR Datasheet HTML 139Page - Silicon Laboratories EM346-RTR Datasheet HTML 140Page - Silicon Laboratories EM346-RTR Datasheet HTML 141Page - Silicon Laboratories EM346-RTR Datasheet HTML 142Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 139 / 142 page
background image
EM346
140
Rev 1.0
SWJ
Serial Wire and JTAG Interface
THD
Total Harmonic Distortion
TRNG
True random number generator
TWI
Two Wire serial interface
Tx
Transmit
UART
Universal Asynchronous Receiver/Transmitter
UEV
Update event
VCO
Voltage Controlled Oscillator
Abbreviation
Meaning
dB
decibel
dBc
decibels relative to the carrier
dBm
decibels relative to 1 mW
GHz
GigaHerz
kB
Kilobyte
kbps
kilobits/second
kHz
kiloherz
kΩ
kiloOhm
kV
kiloVolt
mA
milliAmpere
Mbps
Megabits per second
MHz
megaherz
MΩ
megaOhm
MSPS
Megasamples per second
µA
microAmpere
µsec
microsecond
nH
nanohenry
ns
nanoseconds
Ω
Ohm
pF
picofarad
ppm
part per million
V
Volt
Acronym/Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More