Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 94 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 94 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 90Page - Silicon Laboratories EM346-RTR Datasheet HTML 91Page - Silicon Laboratories EM346-RTR Datasheet HTML 92Page - Silicon Laboratories EM346-RTR Datasheet HTML 93Page - Silicon Laboratories EM346-RTR Datasheet HTML 94Page - Silicon Laboratories EM346-RTR Datasheet HTML 95Page - Silicon Laboratories EM346-RTR Datasheet HTML 96Page - Silicon Laboratories EM346-RTR Datasheet HTML 97Page - Silicon Laboratories EM346-RTR Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 142 page
background image
EM346
Rev 1.0
95
SC1_RXCNTA: Address: 0x4000C820 Reset: 0x0
Register 8.24. SC1_RXCNTA: Receive DMA Count Register A
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXCNTA
Bit
7
6
5
4
3
2
1
0
Name
SC_RXCNTA
Bitname
Bitfield Access
Description
SC_RXCNTA
[13:0]
RW
The offset from the start of DMA receive buffer A at which the next byte will
be written. This register is set to zero when the buffer is loaded and when
the DMA is reset. If this register is written when the buffer is not loaded, the
buffer is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More