Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 66 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 66 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 62Page - Silicon Laboratories EM346-RTR Datasheet HTML 63Page - Silicon Laboratories EM346-RTR Datasheet HTML 64Page - Silicon Laboratories EM346-RTR Datasheet HTML 65Page - Silicon Laboratories EM346-RTR Datasheet HTML 66Page - Silicon Laboratories EM346-RTR Datasheet HTML 67Page - Silicon Laboratories EM346-RTR Datasheet HTML 68Page - Silicon Laboratories EM346-RTR Datasheet HTML 69Page - Silicon Laboratories EM346-RTR Datasheet HTML 70Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 142 page
background image
EM346
66
Rev 1.0
Address: 0x4000BC04 Reset: 0x0
Register 7.13. GPIO_DBGSTAT: GPIO Debug Status Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
GPIO_BOOTMODE
0
GPIO_FORCEDBG GPIO_SWEN
Bitname
Bitfield
Access
Description
GPIO_BOOTMODE
[3]
R
The state of the nBOOTMODE signal sampled at the end of reset.
0: nBOOTMODE was not asserted (it read high).
1: nBOOTMODE was asserted (it read low).
GPIO_FORCEDBG
[1]
R
Status of debugger interface.
0: Debugger interface not forced active.
1: Debugger interface forced active by debugger cable.
GPIO_SWEN
[0]
R
Status of Serial Wire interface.
0: Not enabled by SWJ-DP.
1: Enabled by SWJ-DP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More