Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 138 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 138 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 134Page - Silicon Laboratories EM346-RTR Datasheet HTML 135Page - Silicon Laboratories EM346-RTR Datasheet HTML 136Page - Silicon Laboratories EM346-RTR Datasheet HTML 137Page - Silicon Laboratories EM346-RTR Datasheet HTML 138Page - Silicon Laboratories EM346-RTR Datasheet HTML 139Page - Silicon Laboratories EM346-RTR Datasheet HTML 140Page - Silicon Laboratories EM346-RTR Datasheet HTML 141Page - Silicon Laboratories EM346-RTR Datasheet HTML 142Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 138 / 142 page
background image
EM346
Rev 1.0
139
O-QPSK
Offset-Quadrature Phase Shift Keying
OSC24M
High Frequency Crystal Oscillator
OSC32K
Low-Frequency 32.768 kHz Oscillator
OSCHF
High-Frequency Internal RC Oscillator
OSCRC
Low-Frequency RC Oscillator
PA
Power Amplifier
PCLK
Peripheral clock
PER
Packet Error Rate
PHY
Physical Layer
PLL
Phase-Locked Loop
POR
Power-On-Reset
PRNG
Pseudo Random Number Generator
PSD
Power Spectral Density
PTI
Packet Trace Interface
PWM
Pulse Width Modulation
QFN
Quad Flat Pack
RAM
Random Access Memory
RC
Resistive/Capacitive
RF
Radio Frequency
RMS
Root Mean Square
RoHS
Restriction of Hazardous Substances
RSSI
Receive Signal Strength Indicator
RTS
Request to Send
Rx
Receive
SYSCLK
System clock
SDFR
Spurious Free Dynamic Range
SFD
Start Frame Delimiter
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
Acronym/Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More