Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 98 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 98 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 94Page - Silicon Laboratories EM346-RTR Datasheet HTML 95Page - Silicon Laboratories EM346-RTR Datasheet HTML 96Page - Silicon Laboratories EM346-RTR Datasheet HTML 97Page - Silicon Laboratories EM346-RTR Datasheet HTML 98Page - Silicon Laboratories EM346-RTR Datasheet HTML 99Page - Silicon Laboratories EM346-RTR Datasheet HTML 100Page - Silicon Laboratories EM346-RTR Datasheet HTML 101Page - Silicon Laboratories EM346-RTR Datasheet HTML 102Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 142 page
background image
EM346
Rev 1.0
99
SC1_RXERRB: Address: 0x4000C838 Reset: 0x0
Register 8.28. SC1_RXERRB: DMA First Receive Error Register B
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXERRB
Bit
7
6
5
4
3
2
1
0
Name
SC_RXERRB
Bitname
Bitfield Access
Description
SC_RXERRB
[13:0]
R
The offset from the start of DMA receive buffer B of the first byte received
with a parity, frame, or overflow error. Note that an overflow error occurs at
the input to the receive FIFO, so this offset is 4 bytes before the overflow
position. If there is no error, it reads zero. This register will not be updated
by subsequent errors until the buffer unloads and is reloaded, or the receive
DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More