Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 110 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 110 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 106Page - Silicon Laboratories EM346-RTR Datasheet HTML 107Page - Silicon Laboratories EM346-RTR Datasheet HTML 108Page - Silicon Laboratories EM346-RTR Datasheet HTML 109Page - Silicon Laboratories EM346-RTR Datasheet HTML 110Page - Silicon Laboratories EM346-RTR Datasheet HTML 111Page - Silicon Laboratories EM346-RTR Datasheet HTML 112Page - Silicon Laboratories EM346-RTR Datasheet HTML 113Page - Silicon Laboratories EM346-RTR Datasheet HTML 114Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 142 page
background image
EM346
Rev 1.0
111
Address: 0x4000A820 Reset: 0x0
Register 9.6. INT_MISS: Top-Level Missed Interrupts Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
INT_
MISSIRQD
INT_
MISSIRQC
Reserved
INT_
MISSIRQA
Reserved
INT_
MISSMACRX
INT_
MISSMACTX
INT_
MISSMACTMR
Bit
7
6
5
4
3
2
1
0
Name
INT_
MISSSEC
Reserved
INT_
MISSSC1
INT_
MISSSLEEP
INT_
MISSBB
INT_
MISSMGMT
0
0
Bitname
Bitfield
Access
Description
INT_MISSIRQD
[15]
RW
IRQD interrupt missed.
INT_MISSIRQC
[14]
RW
IRQC interrupt missed.
INT_MISSIRQA
[12]
RW
IRQA interrupt missed.
INT_MISSMACRX
[10]
RW
MAC receive interrupt missed.
INT_MISSMACTX
[9]
RW
MAC transmit interrupt missed.
INT_MISSMACTMR
[8]
RW
MAC Timer interrupt missed.
INT_MISSSEC
[7]
RW
Security interrupt missed.
INT_MISSSC1
[5]
RW
Serial controller 1 interrupt missed.
INT_MISSSLEEP
[4]
RW
Sleep timer interrupt missed.
INT_MISSBB
[3]
RW
Baseband interrupt missed.
INT_MISSMGMT
[2]
RW
Management interrupt missed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More