| Moteur de recherche de fiches techniques de composants électroniques |
|
EM346-RTR Fiches technique(PDF) 108 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346-RTR Fiches technique(HTML) 108 Page - Silicon Laboratories |
|
108 / 142 page ![]() EM346 Rev 1.0 109 Address: 0xE000E280 Reset: 0x0 Register 9.4. INT_PENDCLR: Top-Level Clear Interrupts Pending Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 INT_DEBUG Bit 15 14 13 12 11 10 9 8 Name INT_IRQD INT_IRQC Reserved INT_IRQA Reserved INT_MACRX INT_MACTX INT_MACTMR Bit 7 6 5 4 3 2 1 0 Name INT_SEC Reserved INT_SC1 INT_SLEEPTMR INT_BB INT_MGMT Reserved Reserved Bitname Bitfield Access Description INT_DEBUG [16] RW Write 1 to unpend debug interrupt. (Writing 0 has no effect.) INT_IRQD [15] RW Write 1 to unpend IRQD interrupt. (Writing 0 has no effect.) INT_IRQC [14] RW Write 1 to unpend IRQC interrupt. (Writing 0 has no effect.) INT_IRQA [12] RW Write 1 to unpend IRQA interrupt. (Writing 0 has no effect.) INT_MACRX [10] RW Write 1 to unpend MAC receive interrupt. (Writing 0 has no effect.) INT_MACTX [9] RW Write 1 to unpend MAC transmit interrupt. (Writing 0 has no effect.) INT_MACTMR [8] RW Write 1 to unpend MAC timer interrupt. (Writing 0 has no effect.) INT_SEC [7] RW Write 1 to unpend security interrupt. (Writing 0 has no effect.) INT_SC1 [5] RW Write 1 to unpend serial controller 1 interrupt. (Writing 0 has no effect.) INT_SLEEPTMR [4] RW Write 1 to unpend sleep timer interrupt. (Writing 0 has no effect.) INT_BB [3] RW Write 1 to unpend baseband interrupt. (Writing 0 has no effect.) INT_MGMT [2] RW Write 1 to unpend management interrupt. (Writing 0 has no effect.) |