Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 233 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 233 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 229Page - Silicon Laboratories EM341 Datasheet HTML 230Page - Silicon Laboratories EM341 Datasheet HTML 231Page - Silicon Laboratories EM341 Datasheet HTML 232Page - Silicon Laboratories EM341 Datasheet HTML 233Page - Silicon Laboratories EM341 Datasheet HTML 234Page - Silicon Laboratories EM341 Datasheet HTML 235Page - Silicon Laboratories EM341 Datasheet HTML 236Page - Silicon Laboratories EM341 Datasheet HTML 237Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 233 / 237 page
background image
EM341
Rev 1.0
139
O-QPSK
Offset-Quadrature Phase Shift Keying
OSC24M
High Frequency Crystal Oscillator
OSC32K
Low-Frequency 32.768 kHz Oscillator
OSCHF
High-Frequency Internal RC Oscillator
OSCRC
Low-Frequency RC Oscillator
PA
Power Amplifier
PCLK
Peripheral clock
PER
Packet Error Rate
PHY
Physical Layer
PLL
Phase-Locked Loop
POR
Power-On-Reset
PRNG
Pseudo Random Number Generator
PSD
Power Spectral Density
PTI
Packet Trace Interface
PWM
Pulse Width Modulation
QFN
Quad Flat Pack
RAM
Random Access Memory
RC
Resistive/Capacitive
RF
Radio Frequency
RMS
Root Mean Square
RoHS
Restriction of Hazardous Substances
RSSI
Receive Signal Strength Indicator
RTS
Request to Send
Rx
Receive
SYSCLK
System clock
SDFR
Spurious Free Dynamic Range
SFD
Start Frame Delimiter
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
Acronym/Abbreviation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More