| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341 Fiches technique(PDF) 66 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 Fiches technique(HTML) 66 Page - Silicon Laboratories |
|
66 / 237 page ![]() EM341 Rev 1.0 67 Address: 0x4000BC04 Reset: 0x0 Register 7.13. GPIO_DBGSTAT: GPIO Debug Status Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 0 GPIO_BOOTMODE 0 GPIO_FORCEDBG GPIO_SWEN Bitname Bitfield Access Description GPIO_BOOTMODE [3] R The state of the nBOOTMODE signal sampled at the end of reset. 0: nBOOTMODE was not asserted (it read high). 1: nBOOTMODE was asserted (it read low). GPIO_FORCEDBG [1] R Status of debugger interface. 0: Debugger interface not forced active. 1: Debugger interface forced active by debugger cable. GPIO_SWEN [0] R Status of Serial Wire interface. 0: Not enabled by SWJ-DP. 1: Enabled by SWJ-DP. |