Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 63 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 63 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 59Page - Silicon Laboratories EM341 Datasheet HTML 60Page - Silicon Laboratories EM341 Datasheet HTML 61Page - Silicon Laboratories EM341 Datasheet HTML 62Page - Silicon Laboratories EM341 Datasheet HTML 63Page - Silicon Laboratories EM341 Datasheet HTML 64Page - Silicon Laboratories EM341 Datasheet HTML 65Page - Silicon Laboratories EM341 Datasheet HTML 66Page - Silicon Laboratories EM341 Datasheet HTML 67Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 237 page
background image
EM341
64
Rev 1.0
Note: Substitute “C” or “D” for “x” in the following detailed description.
GPIO_IRQCSEL: Address: 0x4000BC14 Reset: 0xF
GPIO_IRQDSEL: Address: 0x4000BC18 Reset: 0x10
Register 7.9. GPIO_IRQxSEL
GPIO_IRQCSEL: Interrupt C Select Register
GPIO_IRQDSEL: Interrupt D Select Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
SEL_GPIO
Bitname
Bitfield Access
Description
SEL_GPIO
[4:0]
RW
Pin assigned to IRQx.
0x00: PA0
0x01: PA1
0x02: PA2
0x03: PA3
0x04: PA4
0x05: PA5
0x06: PA6
0x07: PA7
0x08: PB0
0x09: PB1
0x0A: PB2
0x0B: PB3
0x0C: PB4
0x0D: PB5
0x0E: PB6
0x0F: PB7
0x10: PC0
0x11: PC1
0x12: PC2
0x13: PC3
0x14: PC4
0x15: PC5
0x16: PC6
0x17: PC7
0x18–0x1F: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More