Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 57 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 57 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 53Page - Silicon Laboratories EM341 Datasheet HTML 54Page - Silicon Laboratories EM341 Datasheet HTML 55Page - Silicon Laboratories EM341 Datasheet HTML 56Page - Silicon Laboratories EM341 Datasheet HTML 57Page - Silicon Laboratories EM341 Datasheet HTML 58Page - Silicon Laboratories EM341 Datasheet HTML 59Page - Silicon Laboratories EM341 Datasheet HTML 60Page - Silicon Laboratories EM341 Datasheet HTML 61Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 237 page
background image
EM341
58
Rev 1.0
GPIO_PAIN: Address: 0x4000B008 Reset: 0x0
GPIO_PBIN: Address: 0x4000B408 Reset: 0x0
GPIO_PCIN: Address: 0x4000B808 Reset: 0x0
Register 7.3. GPIO_PxIN
GPIO_PAIN: Port A Input Data Register
GPIO_PBIN: Port B Input Data Register
GPIO_PCIN: Port C Input Data Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
Px7
Px6
Px5
Px4
Px3
Px2
Px1
Px0
Bitname
Bitfield
Access
Description
Px7
[7]
RW
Input level at pin Px7.
Px6
[6]
RW
Input level at pin Px6.
Px5
[5]
RW
Input level at pin Px5.
Px4
[4]
RW
Input level at pin Px4.
Px3
[3]
RW
Input level at pin Px3.
Px2
[2]
RW
Input level at pin Px2.
Px1
[1]
RW
Input level at pin Px1.
Px0
[0]
RW
Input level at pin Px0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More