| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341 Fiches technique(PDF) 70 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 Fiches technique(HTML) 70 Page - Silicon Laboratories |
|
70 / 237 page ![]() EM341 Rev 1.0 71 INT_SC1FLAG: Address: 0x4000A808 Reset: 0x0 INT_SC2FLAG: Address: 0x4000A80C Reset: 0x0 Register 8.2. INT_SCxFLAG INT_SC1FLAG: Serial Controller 1 Interrupt Flag Register INT_SC2FLAG: Serial Controller 2 Interrupt Flag Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 INT_ SC1PARERR INT_ SC1FRMERR INT_ SCTXULDB INT_ SCTXULDA INT_ SCRXULDB INT_ SCRXULDA INT_SCNAK Bit 7 6 5 4 3 2 1 0 Name INT_ SCCMDFIN INT_ SCTXFIN INT_ SCRXFIN INT_ SCTXUND INT_ SCRXOVF INT_ SCTXIDLE INT_ SCTXFREE INT_SCRXVAL Bitname Bitfield Access Description INT_SC1PARERR [14] RW Parity error received (UART) interrupt pending. INT_SC1FRMERR [13] RW Frame error received (UART) interrupt pending. INT_SCTXULDB [12] RW DMA transmit buffer B unloaded interrupt pending. INT_SCTXULDA [11] RW DMA transmit buffer A unloaded interrupt pending. INT_SCRXULDB [10] RW DMA receive buffer B unloaded interrupt pending. INT_SCRXULDA [9] RW DMA receive buffer A unloaded interrupt pending. INT_SCNAK [8] RW NACK received (TWI) interrupt pending. INT_SCCMDFIN [7] RW START/STOP command complete (TWI) interrupt pending. INT_SCTXFIN [6] RW Transmit operation complete (TWI) interrupt pending. INT_SCRXFIN [5] RW Receive operation complete (TWI) interrupt pending. INT_SCTXUND [4] RW Transmit buffer underrun interrupt pending. INT_SCRXOVF [3] RW Receive buffer overrun interrupt pending. INT_SCTXIDLE [2] RW Transmitter idle interrupt pending. INT_SCTXFREE [1] RW Transmit buffer free interrupt pending. INT_SCRXVAL [0] RW Receive buffer has data interrupt pending. |