| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341 Fiches technique(PDF) 225 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 Fiches technique(HTML) 225 Page - Silicon Laboratories |
|
225 / 237 page ![]() EM341 132 Rev 1.0 APPENDIX A—REGISTER ADDRESS TABLE BLOCK CM_LV 40004000–40004038 CM_LV Address Name Type Reset Description 40004038 PERIPHERAL_DISABLE RW 0 Peripheral Disable Register BLOCK INTERRUPTS 4000A000–4000AFFF Interrupts Address Name Type Reset Description 4000A800 INT_TIM1FLAG RW 0 Timer 1 Interrupt Flag Register 4000A804 INT_TIM2FLAG RW 0 Timer 2 Interrupt Flag Register 4000A808 INT_SC1FLAG RW 0 Serial Controller 1 Interrupt Flag Register 4000A80C INT_SC2FLAG RW 0 Serial Controller 2 Interrupt Flag Register 4000A810 INT_ADCFLAG RW 0 ADC Interrupt Flag Register 4000A814 INT_GPIOFLAG RW 0 GPIO Interrupt Flag Register 4000A818 INT_TIM1MISS RW 0 Timer 1 Missed Interrupt Register 4000A81C INT_TIM2MISS RW 0 Timer 2 Missed Interrupts Register 4000A820 INT_MISS RW 0 Top-Level Missed Interrupts Register 4000A840 INT_TIM1CFG RW 0 Timer 1 Interrupt Configuration Register 4000A844 INT_TIM2CFG RW 0 Timer 2 Interrupt Configuration Register 4000A848 INT_SC1CFG RW 0 Serial Controller 1 Interrupt Configuration Register 4000A84C INT_SC2CFG RW 0 Serial Controller 2 Interrupt Configuration Register 4000A850 INT_ADCCFG RW 0 ADC Interrupt Configuration Register 4000A854 SC1_INTMODE RW 0 Serial Controller 1 Interrupt Mode Register 4000A858 SC2_INTMODE RW 0 Serial Controller 2 Interrupt Mode Register 4000A860 GPIO_INTCFGA RW 0 GPIO Interrupt A Configuration Register 4000A864 GPIO_INTCFGB RW 0 GPIO Interrupt B Configuration Register 4000A868 GPIO_INTCFGC RW 0 GPIO Interrupt C Configuration Register 4000A86C GPIO_INTCFGD RW 0 GPIO Interrupt D Configuration Register |