| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341 Fiches technique(PDF) 209 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 Fiches technique(HTML) 209 Page - Silicon Laboratories |
|
209 / 237 page ![]() EM341 Rev 1.0 121 17. Pin Definitions 17.1. Pin Definitions Figure 17.1. EM341 Pin Definitions Refer to "7. GPIO (General Purpose Input/Output)" on page 48 for details about selecting GPIO pin functions. VDD_24MHZ VDD_ VCO RF_N RF_P VDD_RF RF_TX_ALT_P RF_TX_ALT_N VDD_IF NC VDD_ PADSA PC5 , TX_ ACTIVE PB0 , VREF, IRQA , TRACECLK, TIM1CLK, TIM2 MSK PC4 , JTMS, SWDIO PC3 , JTDI PC2 , JTDO, SWO SWCLK, JTCK PB2 , SC1 MISO, SC1 MOSI, SC1SCL, SC1RXD, TIM2C2 PB1 , SC1MISO , SC1 MOSI, SC1SDA, SC1TXD, TIM2C1 PA6 , TIM1C3 VDD_ PADS PA5 , ADC5 , PTI_ DATA, nBOOTMODE, TRACEDATA3 PA4 , ADC4 , PTI_EN, TRACEDATA2 PA3 , SC2n SSEL, TRACECLK, TIM2C2 13 14 15 16 17 18 19 20 21 22 23 24 12 11 nRESET 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 49 GND EM341 |