Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 196 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 196 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 192Page - Silicon Laboratories EM341 Datasheet HTML 193Page - Silicon Laboratories EM341 Datasheet HTML 194Page - Silicon Laboratories EM341 Datasheet HTML 195Page - Silicon Laboratories EM341 Datasheet HTML 196Page - Silicon Laboratories EM341 Datasheet HTML 197Page - Silicon Laboratories EM341 Datasheet HTML 198Page - Silicon Laboratories EM341 Datasheet HTML 199Page - Silicon Laboratories EM341 Datasheet HTML 200Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 237 page
background image
EM341
108
Rev 1.0
Address: 0xE000E200 Reset: 0x0
Register 9.3. INT_PENDSET: Top-Level Set Interrupts Pending Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
INT_DEBUG
Bit
15
14
13
12
11
10
9
8
Name INT_IRQD INT_IRQC INT_IRQB
INT_IRQA
INT_ADC INT_MACRX INT_MACTX
INT_MACTMR
Bit
7
6
5
4
3
2
1
0
Name
INT_SEC
INT_SC2
INT_SC1
INT_SLEEPTMR
INT_BB
INT_MGMT
INT_TIM2
INT_TIM1
Bitname
Bitfield Access
Description
INT_DEBUG
[16]
RW
Write 1 to pend debug interrupt. (Writing 0 has no effect.)
INT_IRQD
[15]
RW
Write 1 to pend IRQD interrupt. (Writing 0 has no effect.)
INT_IRQC
[14]
RW
Write 1 to pend IRQC interrupt. (Writing 0 has no effect.).
INT_IRQB
[13]
RW
Write 1 to pend IRQB interrupt. (Writing 0 has no effect.)
INT_IRQA
[12]
RW
Write 1 to pend IRQA interrupt. (Writing 0 has no effect.)
INT_ADC
[11]
RW
Write 1 to pend ADC interrupt. (Writing 0 has no effect.)
INT_MACRX
[10]
RW
Write 1 to pend MAC receive interrupt. (Writing 0 has no effect.)
INT_MACTX
[9]
RW
Write 1 to pend MAC transmit interrupt. (Writing 0 has no effect.)
INT_MACTMR
[8]
RW
Write 1 to pend MAC timer interrupt. (Writing 0 has no effect.)
INT_SEC
[7]
RW
Write 1 to pend security interrupt. (Writing 0 has no effect.)
INT_SC2
[6]
RW
Write 1 to pend serial controller 2 interrupt. (Writing 0 has no effect.)
INT_SC1
[5]
RW
Write 1 to pend serial controller 1 interrupt. (Writing 0 has no effect.)
INT_SLEEPTMR
[4]
RW
Write 1 to pend sleep timer interrupt. (Writing 0 has no effect.)
INT_BB
[3]
RW
Write 1 to pend baseband interrupt. (Writing 0 has no effect.)
INT_MGMT
[2]
RW
Write 1 to pend management interrupt. (Writing 0 has no effect.)
INT_TIM2
[1]
RW
Write 1 to pend timer 2 interrupt. (Writing 0 has no effect.)
INT_TIM1
[0]
RW
Write 1 to pend timer 1 interrupt. (Writing 0 has no effect.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More