| Moteur de recherche de fiches techniques de composants électroniques |
|
EM341 Fiches technique(PDF) 186 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 Fiches technique(HTML) 186 Page - Silicon Laboratories |
|
186 / 237 page ![]() EM341 Rev 1.0 187 Address: 0x4000D020 Reset: 0x20000000 Address: 0x4000D024 Reset: 0x0 Register 10.9. ADC_DMACUR: ADC DMA Current Address Register Bit 31 30 29 28 27 26 25 24 Name 0 0 1 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 ADC_DMACUR_FIELD Bit 7 6 5 4 3 2 1 0 Name ADC_DMACUR_FIELD 0 Bitname Bitfield Access Description ADC_DMACUR_FIELD [13:1] R Current DMA address: the location that will be written next by the DMA. Register 10.10. ADC_DMACNT: ADC DMA Count Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 ADC_DMACNT_FIELD Bit 7 6 5 4 3 2 1 0 Name ADC_DMACNT_FIELD Bitname Bitfield Access Description ADC_DMACNT_FIELD [12:0] R DMA count: the number of 16-bit conversion results that have been writ- ten to the buffer. |