Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 167 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 167 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 163Page - Silicon Laboratories EM341 Datasheet HTML 164Page - Silicon Laboratories EM341 Datasheet HTML 165Page - Silicon Laboratories EM341 Datasheet HTML 166Page - Silicon Laboratories EM341 Datasheet HTML 167Page - Silicon Laboratories EM341 Datasheet HTML 168Page - Silicon Laboratories EM341 Datasheet HTML 169Page - Silicon Laboratories EM341 Datasheet HTML 170Page - Silicon Laboratories EM341 Datasheet HTML 171Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 237 page
background image
EM341
168
Rev 1.0
INT_TIM1CFG: Address: 0x4000A840 Reset: 0x0
INT_TIM2CFG: Address: 0x4000A844 Reset: 0x0
Register 9.17. INT_TIMxCFG
INT_TIM1CFG: Timer 1 Interrupt Configuration Register
INT_TIM2CFG: Timer 2 Interrupt Configuration Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
INT_TIMTIF
0
INT_TIMCC4IF INT_TIMCC3IF INT_TIMCC2IF INT_TIMCC1IF
INT_TIMUIF
Bitname
Bitfield
Access
Description
INT_TIMTIF
[6]
RW
Trigger interrupt enable.
INT_TIMCC4IF
[4]
RW
Capture or compare 4 interrupt enable.
INT_TIMCC3IF
[3]
RW
Capture or compare 3 interrupt enable.
INT_TIMCC2IF
[2]
RW
Capture or compare 2 interrupt enable.
INT_TIMCC1IF
[1]
RW
Capture or compare 1 interrupt enable.
INT_TIMUIF
[0]
RW
Update interrupt enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More