Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341 Fiches technique(PDF) 110 Page - Silicon Laboratories

No de pièce EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Fiches technique(HTML) 110 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 106Page - Silicon Laboratories EM341 Datasheet HTML 107Page - Silicon Laboratories EM341 Datasheet HTML 108Page - Silicon Laboratories EM341 Datasheet HTML 109Page - Silicon Laboratories EM341 Datasheet HTML 110Page - Silicon Laboratories EM341 Datasheet HTML 111Page - Silicon Laboratories EM341 Datasheet HTML 112Page - Silicon Laboratories EM341 Datasheet HTML 113Page - Silicon Laboratories EM341 Datasheet HTML 114Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 237 page
background image
EM341
Rev 1.0
111
SC1_RXERRA: DMA First Receive Error Register A
SC2_RXERRA: DMA First Receive Error Register A
Register 8.31. SCx_RXERRA
SC1_RXERRA: DMA First Receive Error Register A
SC2_RXERRA: DMA First Receive Error Register A
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXERRA
Bit
7
6
5
4
3
2
1
0
Name
SC_RXERRA
Bitname
Bitfield Access
Description
SC_RXERRA
[13:0]
R
The offset from the start of DMA receive buffer A of the first byte received
with a parity, frame, or overflow error. Note that an overflow error occurs at
the input to the receive FIFO, so this offset is 4 bytes before the overflow
position. If there is no error, it reads zero. This register will not be updated
by subsequent errors until the buffer unloads and is reloaded, or the
receive DMA is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More