| Moteur de recherche de fiches techniques de composants électroniques |
|
XC164CS Fiches technique(PDF) 27 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC164CS Fiches technique(HTML) 27 Page - Infineon Technologies AG |
|
27 / 71 page ![]() XC164 Derivatives Functional Description Data Sheet 23 V2.1, 2003-06 CAPCOM6 Timer T13 CCU6_T13IC xx’0138H 4EH / 78D CAPCOM6 Emergency CCU6_EIC xx’013CH 4FH / 79D CAPCOM6 CCU6_IC xx’0140H 50H / 80D SSC1 Transmit SSC1_TIC xx’0144H 51H / 81D SSC1 Receive SSC1_RIC xx’0148H 52H / 82D SSC1 Error SSC1_EIC xx’014CH 53H / 83D CAN0 CAN_0IC xx’0150H 54H / 84D CAN1 CAN_1IC xx’0154H 55H / 85D CAN2 CAN_2IC xx’0158H 56H / 86D CAN3 CAN_3IC xx’015CH 57H / 87D CAN4 CAN_4IC xx’0164H 59H / 89D CAN5 CAN_5IC xx’0168H 5AH / 90D CAN6 CAN_6IC xx’016CH 5BH / 91D CAN7 CAN_7IC xx’0170H 5CH / 92D RTC RTC_IC xx’0174H 5DH / 93D Unassigned node --- xx’0100H 40H / 64D Unassigned node --- xx’0104H 41H / 65D Unassigned node --- xx’012CH 4BH / 75D Unassigned node --- xx’00FCH 3FH / 63D Unassigned node --- xx’0160H 58H / 88D 1) Register VECSEG defines the segment where the vector table is located to. Bitfield VECSC in register CPUCON1 defines the distance between two adjacent vectors. This table represents the default setting, with a distance of 4 (two words) between two vectors. 2) The interrupt nodes assigned to ASC1 are only available in derivatives including the ASC1. Otherwise, they are unassigned nodes. Table 4 XC164 Interrupt Nodes (cont’d) Source of Interrupt or PEC Service Request Control Register Vector Location1) Trap Number |