Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Fiches technique(HTML) 29 Page - ams AG

Back Button AS5147P Datasheet HTML 25Page - ams AG AS5147P Datasheet HTML 26Page - ams AG AS5147P Datasheet HTML 27Page - ams AG AS5147P Datasheet HTML 28Page - ams AG AS5147P Datasheet HTML 29Page - ams AG AS5147P Datasheet HTML 30Page - ams AG AS5147P Datasheet HTML 31Page - ams AG AS5147P Datasheet HTML 32Page - ams AG AS5147P Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ams Datasheet
Page 29
[v1-01] 2015-May-12
Document Feedback
AS5147P − Application Information
Figure 39:
OTP Memory Burn and Verification Flowchart
correct
START
Write reg(0x0018)
Write reg(0x0019)
Set the magnet to
the zero position
Write
Reg(0x0017(5:0))= reg(0x3FFF(5:0))
Reg(0x0016(7:0))= reg(0x3FFF(13:6))
Read
Reg(0x0016)
Reg(0x0017)
Reg(0x0018)
Reg(0x0019)
Write
Reg(0x0003)=0x08
Write
Reg(0x0016)=0x00
Reg(0x0017)=0x00
Reg(0x0018=0x00
Reg(0x0019)=0x00
Power-on cycle
Read
Reg(0x0016)
Reg(0x0017)
Reg(0x0018)
Reg(0x0016)
Write
Reg(0x0003)=0x40
Verify 2
correct
Read ANGLE
Write Angle into ZPOSL
and ZPOSM
Read reg(0x3FFF)
Read Register step 1
Comparison of written content
(settings and angle) with content
of Read Register step 1
Unlock OTParea for read/write
(PROGEN=1)
Read OTP_CTRL
Set Guardband
Refresh memory with OTP
content
Read Register step 2
Comparison of written content (settings and
angle) with content of Read Register step 2
Mandatory Guardband-Test
Read Register step 3
Verify 1
Clear memory
Start OTP burning procedure
(PROGOTP=1)
Power on cycle
AS5147P Settings
Position of the magnet to
the zero position
Write
Reg(0x0003)=0x01
Write
Reg(0x0003)=0x08
Read
Reg(0x0003)
Reg(0x0003)=0x00
NO
OTP burning procedure
complete if Reg(0x0003) =0x00
YES
Unlock OTParea for read/write
(PROGEN=1)
Write
Reg(0003)=0x04
Read
Reg(0x0016)
Reg(0x0017)
Reg(0x0018)
Reg(0x0016)
Guardbandtest fails.
Wrong programming.
Reprogramming not allowed
Not correct
Verify 3
Comparison of written content
(settings and angle) with content
of Read Register step 3
END
Wrong programming
Reprogramming not
allowed
Not correct
END
Correct
programming and
verification
correct
Not correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40