Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P Fiches technique(PDF) 14 Page - ams AG

No de pièce AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Fiches technique(HTML) 14 Page - ams AG

Back Button AS5147P Datasheet HTML 10Page - ams AG AS5147P Datasheet HTML 11Page - ams AG AS5147P Datasheet HTML 12Page - ams AG AS5147P Datasheet HTML 13Page - ams AG AS5147P Datasheet HTML 14Page - ams AG AS5147P Datasheet HTML 15Page - ams AG AS5147P Datasheet HTML 16Page - ams AG AS5147P Datasheet HTML 17Page - ams AG AS5147P Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
Figure 15:
SPI Read Data Frame
The data is sent on the MISO pin. The parity bit PARD is
calculated by the AS5147P for the 16-bit data frame. If an error
is detected in the previous SPI command frame, the EF bit is set
high. The SPI read is sampled on the rising edge of CSn and the
data is transmitted on MISO with the next read command, as
shown in Figure 16.
Figure 16:
SPI Read
Bit
Name
Description
15
PARD
Parity bit (even) for the data frame
14
EF
0: No command frame error command occurred
1: Error occurred
13:0
DATA
Data
Read ADD[n]
Read ADD[k]
CSn
Read ADD[p]
Data ADD[n]
Data ADD[p]
Read ADD[m]
Data ADD[k]
Command
Command
Command
Command
Data
Data
Data
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40