Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P Fiches technique(PDF) 20 Page - ams AG

No de pièce AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Fiches technique(HTML) 20 Page - ams AG

Back Button AS5147P Datasheet HTML 16Page - ams AG AS5147P Datasheet HTML 17Page - ams AG AS5147P Datasheet HTML 18Page - ams AG AS5147P Datasheet HTML 19Page - ams AG AS5147P Datasheet HTML 20Page - ams AG AS5147P Datasheet HTML 21Page - ams AG AS5147P Datasheet HTML 22Page - ams AG AS5147P Datasheet HTML 23Page - ams AG AS5147P Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
Figure 30:
SETTINGS2 (0x0019)
The ABIRES resolution does not affect the UVW signals.
Figure 31:
RED (0x001A)
Name
Read/Write/Program
Bit Position
Description
UVWPP
R/W/P
2:0
UVW number of pole pairs
(000 = 1, 001 = 2, 010 = 3, 011 = 4, 100 = 5, 101 = 6,
110 = 7, 111 = 7)
HYS
R/W/P
4:3
Hysteresis
00 = 3LSB_11Bit
01 = 2LSB_11Bit
10 = 1LSB_11Bit
11 = 0LSB_11Bit
ABIRES
R/W/P
6:5
Resolution of ABI
00 = 12 bits
01 = 11 bits
10 = 10 bits
Name
Read/Write/
Program
Bit
Position
Description
REDUNDANCY
R/W/P
4:0
Redundancy bits. This field enables with force to high one
bit of the Non-Volatile register map after a non-successful
burning. For more details please refer to the application note
“AN5000 – AS5147P_Redundancy_Bits”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40