Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147P Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5147P
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147P Fiches technique(HTML) 2 Page - ams AG

  AS5147P Datasheet HTML 1Page - ams AG AS5147P Datasheet HTML 2Page - ams AG AS5147P Datasheet HTML 3Page - ams AG AS5147P Datasheet HTML 4Page - ams AG AS5147P Datasheet HTML 5Page - ams AG AS5147P Datasheet HTML 6Page - ams AG AS5147P Datasheet HTML 7Page - ams AG AS5147P Datasheet HTML 8Page - ams AG AS5147P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − General Description
Applications
The AS5147P has been designed to support BLDC motor
commutation for the most challenging automotive
applications (AEC-Q100 grade 0 automotive qualified) such as
electric power steering (EPS), transmission (gearbox, actuator),
pump, brake (actuator) and starter & alternator.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS5147P Block Diagram
Good resolution for motor & position control
14-bit core resolution
Versatile choice of the interface
Independent output interfaces: SPI, ABI, UVW, PWM
No programmer needed (via SPI command)
Zero position, configuration programmable
Supports safety challenging applications
Self-Diagnostics
Lower system costs (no shielding)
Immune to external stray field
Benefits
Features
VDD3V3
A/D
Volatile Memory
SPI
LDO
AS5147P
VDD
GND
CSn
MOSI
SCL
MISO
I/PWM
A
B
W / PWM
U
V
Analog
Front-End
UWV
ATAN
(CORDIC)
AGC
OTP
INTERPOLATOR
Hall
Sensors
PWM Decoder
Selectable
on I or W
ABI
Dynamic Angle
Error
Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40