| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3695C Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3695C Fiches technique(HTML) 32 Page - ams AG |
|
32 / 40 page ![]() AS3695C austriamicrosystems www.austriamicrosystems.com Rev 1.11 / 2010-12-08 31 - 39 6 Register map Registers can only be written if Group1 is UNLOCKED. Default = LOCKED Registers can only be written if Group2 is UNLOCKED. Default = LOCKED Addr Name D7 D6 D5 D4 D3 D2 D1 D0 Def ault 0x00 Used for block writing 0x01 CUR_ON_1 Curr8 Curr7 Curr6 Curr5 Curr4 Curr3 Curr2 Curr1 0x00 0x02 CUR_ON_2 Curr16 Curr15 Curr14 Curr13 Curr12 Curr11 Curr10 Curr9 0x00 0x03 FAULT_1 Toff Otemp Toff short Toff open 0x04 0x04 FAULT_2 OPEN voltage SHORT voltage SHORT en OPEN en 0x00 0x05 FEEDBACK FB voltage FB boost Tr Type FB enable 0x00 0x06 FB_SEL1 FBsel8 FBsel7 FBsel6 FBsel5 FBsel4 FBsel3 FBsel2 FBsel1 0x00 0x07 FB_SEL2 FBsel16 FBsel15 FBsel14 FBsel13 FBsel12 FBsel11 FBsel10 FBsel9 0x00 0x08 CURRctrl DAC ref Slew rate 0x00 0x09 SHORTLED1 Short8 Short7 Short6 Short5 Short4 Short3 Short2 Short1 0x00 0x0A SHORTLED2 Short16 Short15 Short14 Short13 Short12 Shor11 Shor10 Short9 0x00 0x0B OPENLED1 Open8 Open7 Open6 Open5 Open4 Open3 Open2 Open1 0x00 0x0C OPENLED2 Open16 Open15 Open14 Open13 Open12 Open11 Open10 Open9 0x00 0x0D DACLSB DAC7 DAC6 DAC5 DAC4 DAC3 DAC2 DAC1 DAC0 0x00 0x0E DACMSB DAC9 DAC8 0x20 0x0F 0x00 0x10 0x00 0x11 PWMREV1 PWM Rev8 PWM Rev7 PWM Rev6 PWM Rev5 PWM Rev4 PWM Rev3 PWM Rev2 PWM Rev1 0x00 0x12 PWMREV2 PWM Rev16 PWM Rev15 PWM Rev14 PWM Rev13 PWM Rev12 PWM Rev11 PWM Rev10 PWM Rev9 0x00 0x13 PWMCTRL Fault DetDly Delay Start Clock Src1 VSYNC det VSYNC edge PWM ext Update Mode Clock Src0 0x00 0x14 PWMperiodLSB PWM Per7 PWM Per6 PWM Per5 PWM Per4 PWM Per3 PWM Per2 PWM Per1 PWM Per0 0x00 0x15 PWMperiodMSB 0 0 0 0 PWM Per11 PWM Per10 PWM Per9 PWM Per8 0x00 0x16 PWM1delLSB PWM1 Del7 PWM1 Del6 PWM1 Del5 PWM1 Del4 PWM1 Del3 PWM1 Del2 PWM1 Del1 PWM1 Del0 0x00 0x17 PWM1delMSB 0 0 0 0 PWM1 Del11 PWM1 Del10 PWM1 Del9 PWM1 Del8 0x00 0x18 PWM2delLSB PWM2 Del7 PWM2 Del6 PWM2 Del5 PWM2 Del4 PWM2 Del3 PWM2 Del2 PWM2 Del1 PWM2 Del0 0x00 0x19 PWM2delMSB 0 0 0 0 PWM2 Del11 PWM2 Del10 PWM2 Del9 PWM2 Del8 0x00 0x1A PWM3delLSB PWM3 Del7 PWM3 Del6 PWM3 Del5 PWM3 Del4 PWM3 Del3 PWM3 Del2 PWM3 Del1 PWM3 Del0 0x00 0x1B PWM3delMSB 0 0 0 0 PWM3 Del11 PWM3 Del10 PWM3 Del9 PWM3 Del8 0x00 0x1C PWM4delLSB PWM4 Del7 PWM4 Del6 PWM4 Del5 PWM4 Del4 PWM4 Del3 PWM4 Del2 PWM4 Del1 PWM4 Del0 0x00 0x1D PWM4delMSB 0 0 0 0 PWM4 Del11 PWM4 Del10 PWM4 Del9 PWM4 Del8 0x00 0x1E PWM5delLSB PWM5 Del7 PWM5 Del6 PWM5 Del5 PWM5 Del4 PWM5 Del3 PWM5 Del2 PWM5 Del1 PWM5 Del0 0x00 0x1F PWM5delMSB 0 0 0 0 PWM5 Del11 PWM5 Del10 PWM5 Del9 PWM5 Del8 0x00 0x20 PWM6delLSB PWM6 Del7 PWM6 Del6 PWM6 Del5 PWM6 Del4 PWM6 Del3 PWM6 Del2 PWM6 Del1 PWM6 Del0 0x00 0x21 PWM6delMSB 0 0 0 0 PWM6 Del11 PWM6 Del10 PWM6 Del9 PWM6 Del8 0x00 0x22 PWM7delLSB PWM7 Del7 PWM7 Del6 PWM7 Del5 PWM7 Del4 PWM7 Del3 PWM7 Del2 PWM7 Del1 PWM7 Del0 0x00 0x23 PWM7delMSB 0 0 0 0 PWM7 Del11 PWM7 Del10 PWM7 Del9 PWM7 Del8 0x00 0x24 PWM8delLSB PWM8 Del7 PWM8 Del6 PWM8 Del5 PWM8 Del4 PWM8 Del3 PWM8 Del2 PWM8 Del1 PWM8 Del0 0x00 0x25 PWM8delMSB 0 0 0 0 PWM8 Del11 PWM8 Del10 PWM8 Del9 PWM8 Del8 0x00 0x26 PWM9delLSB PWM9 Del7 PWM9 Del6 PWM9 Del5 PWM9 Del4 PWM9 Del3 PWM9 Del2 PWM9 Del1 PWM9 Del0 0x00 0x27 PWM9delMSB 0 0 0 0 PWM9 Del11 PWM9 Del10 PWM9 Del9 PWM9 Del8 0x00 |