Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3695C Fiches technique(PDF) 30 Page - ams AG

No de pièce AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Fiches technique(HTML) 30 Page - ams AG

Back Button AS3695C Datasheet HTML 26Page - ams AG AS3695C Datasheet HTML 27Page - ams AG AS3695C Datasheet HTML 28Page - ams AG AS3695C Datasheet HTML 29Page - ams AG AS3695C Datasheet HTML 30Page - ams AG AS3695C Datasheet HTML 31Page - ams AG AS3695C Datasheet HTML 32Page - ams AG AS3695C Datasheet HTML 33Page - ams AG AS3695C Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
29 - 39
5.5.5 Write same data in same register of all devices ( single byte )
Set DevAdd = 0x00
Write to Reg0x02 of Dev0x01 – Dev0x03
5.5.6 Write same data in same register of all devices ( multiple bytes )
Set DevAdd = 0x00
Write to Reg0x02 - Reg0x04 of Dev0x01 – Dev0x03
0x00
Dev 0x01
0x01
0x02 0x03
0x03 0x04
0x04 0x05
0x05
0x06
0x07
0
1
0x00
0x03
0
0x02
DevAddr
NrOfBytes
RegAddr
0x00
0x01
0x02 0x03
0x03 0x04
0x04 0x05
0x05
0x06
0x07
0x00
0x01
0x02 0x03
0x03 0x04
0x04 0x05
0x05
0x06
0x07
0x03
Data1
Dev 0x02
Dev 0x03
Reg
Reg
Reg
0x04
Data2
0x05
Data3
0x00
0x00
0x00
0
1
0x00
0x03
0
0x02
0x03
0x04
0x00
0x00
MISO
MOSI
0x00
Dev 0x01
0x01
0x02 0x03
0x03
0x04
0x05
0x06
0x07
1
1
0x00
0
0x02
DevAddr
RegAddr
0x00
0x01
0x02 0x03
0x03
0x04
0x05
0x06
0x07
0x00
0x01
0x02 0x03
0x03
0x04
0x05
0x06
0x07
0x03
Data1
Dev 0x02
Dev 0x03
Reg
Reg
Reg
0x00
0x00
1
1
0x00
0x02
0x00
0x00
MISO
MOSI
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40