Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3695C Fiches technique(PDF) 18 Page - ams AG

No de pièce AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Fiches technique(HTML) 18 Page - ams AG

Back Button AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG AS3695C Datasheet HTML 18Page - ams AG AS3695C Datasheet HTML 19Page - ams AG AS3695C Datasheet HTML 20Page - ams AG AS3695C Datasheet HTML 21Page - ams AG AS3695C Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
17 - 39
Bit
Bit
Description
Default
Access
3:0
7:0
PWM3del[11:0] sets PWM3 delay
0x00, 0x00
r/w
RegAddr:
PWM4delay
0x1D
0x1C
Bit
Bit
Description
Default
Access
3:0
7:0
PWM4del[11:0] sets PWM4 delay
0x00, 0x00
r/w
RegAddr:
PWM5delay
0x1F
0x1E
Bit
Bit
Description
Default
Access
3:0
7:0
PWM5del[11:0] sets PWM5 delay
0x00, 0x00
r/w
RegAddr:
PWM6delay
0x21
0x20
Bit
Bit
Description
Default
Access
3:0
7:0
PWM6del[11:0] sets PWM6 delay
0x00, 0x00
r/w
RegAddr:
PWM7delay
0x23
0x22
Bit
Bit
Description
Default
Access
3:0
7:0
PWM7del[11:0] sets PWM7 delay
0x00, 0x00
r/w
RegAddr:
PWM8delay
0x25
0x24
Bit
Bit
Description
Default
Access
3:0
7:0
PWM8del[11:0] sets PWM8 delay
0x00, 0x00
r/w
RegAddr:
PWM9delay
0x27
0x26
Bit
Bit
Description
Default
Access
3:0
7:0
PWM9del[11:0] sets PWM9 delay
0x00, 0x00
r/w
RegAddr:
PWM10delay
0x29
0x28
Bit
Bit
Description
Default
Access
3:0
7:0
PWM10del[11:0] sets PWM10 delay
0x00, 0x00
r/w
RegAddr:
PWM11delay
0x2B
0x2A
Bit
Bit
Description
Default
Access
3:0
7:0
PWM11del[11:0] sets PWM11 delay
0x00, 0x00
r/w
RegAddr:
PWM12delay
0x2D
0x2C
Bit
Bit
Description
Default
Access
3:0
7:0
PWM12del[11:0] sets PWM12 delay
0x00, 0x00
r/w
RegAddr:
PWM13delay
0x2F
0x2E
Bit
Bit
Description
Default
Access
3:0
7:0
PWM13del[11:0] sets PWM13 delay
0x00, 0x00
r/w
RegAddr:
PWM14delay
0x31
0x30
Bit
Bit
Description
Default
Access
3:0
7:0
PWM14del[11:0] sets PWM14 delay
0x00, 0x00
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40