Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3695C Fiches technique(PDF) 14 Page - ams AG

No de pièce AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Fiches technique(HTML) 14 Page - ams AG

Back Button AS3695C Datasheet HTML 10Page - ams AG AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG AS3695C Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
13 - 39
The PWMxHT-values are double buffered. HighTime values for the next VSYNC can be written even
when the current HighTime is not finished.
4.2.4 PWM direct control
The internal signals PWMx can also be direct applied at the VSYNC input if the bit PWMext=1.
4.2.5 VSYNC detect
The VSYNCdet=1 the VSYNC detector monitors the presence of a VSYNC siglnal. If If the VSYNC
signal is missing for more than 100ms current outputs are temporary turned off.
4.2.6 VSYNC duration
Since the VSYNC input is connected to an edge detector, there is no restriction on the duration of the
VSYNC pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40