Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L71 Fiches technique(PDF) 55 Page - Zilog, Inc.

No de pièce Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Fiches technique(HTML) 55 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 51Page - Zilog, Inc. Z86L71 Datasheet HTML 52Page - Zilog, Inc. Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Z86L71 Datasheet HTML 57Page - Zilog, Inc. Z86L71 Datasheet HTML 58Page - Zilog, Inc. Z86L71 Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-55
1
Figure 44. Stop-Mode Recovery Register 2
((0F) 0DH: D2-D4, D6 Write Only)
D7 D6
D5
D4
D3
D2
D1
D0
SMR2 (0F) 0DH
Reserved (Must be 0)
Reserved (Must be 0)
Stop-Mode Recovery Source 2
000 POR only*
001 NAND P20, P21, P22, P23
010 NAND P20, P21, P22, P23, P24, P25, P26, P27
011 NOR P31, P32, P33
100 NAND P31, P32, P33
101 NOR P31, P32, P33, P00, P07
110 NAND P31, P32, P33, P00, P07
111 NAND P31, P32, P33, P20, P21, P22
Reserved
(Must be 0)
Recovery Level
0 Low*
1 High
Reserved (Must be 0)
Note: If used in conjunction with SMR,
either of the two specified events will
cause a Stop-Mode Recovery.
*Default Setting After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61